Part Number Hot Search : 
L78M0 SF1101A KBPC6 D6L60HT 2N1008 74476402 UM5123 55C60B
Product Description
Full Text Search
 

To Download LACC-1128-R15J-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Conformal Coated Inductor
Dimensions
0.50 0.05 dia
(LACC-1128 Series)
7.0 max (B)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
2.8 max (A)
64.0 2.0
(Not to scale)
Dimensions in mm
Part Numbering Guide
LACC - 1128 - R10 K - T
Dimensions
A, B, (inch conversion)
Packaging Style
B=Bulk T=Tape & Reel F=Flat Pack
Inductance Code
Tolerance
J=5%, K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature Construction Dielectric Strength 0.1 H to 1000 H 5%, 10%, 20% -20C to +80C Conformal Coated 250 Volts RMS
Electrical Specifications
L Code
R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100
L (H)
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0
Q Min
35 35 35 35 35 35 35 35 40 40 40 40 50 50 50 50 50 50 50 50 50 50 50 50 50
Test Freq (MHz)
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
SRF Min (MHz)
380 380 380 380 380 360 350 320 300 280 250 200 180 165 150 125 110 95 70 65 50 40 30 28 22
RDC Max (Ohms)
0.075 0.075 0.075 0.075 0.075 0.08 0.08 0.09 0.10 0.11 0.12 0.12 0.15 0.18 0.20 0.23 025 0.28 0.30 0.32 0.35 0.40 0.45 0.55 0.72
IDC Max (mA)
1150 1150 1150 1150 1150 1110 1110 1000 1000 950 900 900 815 740 700 655 630 595 575 555 530 500 470 425 370
L Code
120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
L (uH)
12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100 120 150 180 220 270 330 390 470 560 680 820 1000
Q Min
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
Test Freq (MHz)
2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
SRF Min (MHz)
20 16 15 13 11 10 9.5 8.5 7.5 6.5 6 5.5 5.4 4.75 4.35 4 3.7 3.4 2.8 2.55 2.35 2 1.5 1.2
RDC Max (Ohms)
0.80 0.88 1.0 1.2 1.35 1.5 1.7 2.3 2.6 2.9 3.2 3.5 3.8 4.4 5.0 5.7 6.5 9.5 10.5 11.6 13.0 18.0 23.0 26.0
IDC Max (mA)
350 335 315 285 270 255 240 205 195 185 175 165 160 150 140 130 120 100 95 90 85 75 65 60
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LACC-1128-R15J-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X